PART |
Description |
Maker |
RE34L3A502 |
Series REC 34 L Precision Linear Transducers, Conductive Plastic, up to 450 mm
|
Vishay Sfernice
|
SY89846UMG |
1.5GHz Precision, LVPECL 1:5 Fanout with 2:1 MUX and Fail Safe Input with Internal Termination 89846 SERIES, 2 LINE TO 1 LINE MULTIPLEXER, COMPLEMENTARY OUTPUT, QCC32
|
Micrel Semiconductor, Inc.
|
74FR2240 74FR2240SC 74FR2240PC |
Octal Buffer/Line Driver with 25Series Resistors in the Outputs FR/FASTR SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDIP20 Octal Buffer/Line Driver with 25 Series Resistors in the Outputs Octal Buffer/Line Driver with 25-Ohm Series Resistors in the Outputs From old datasheet system Octal Buffer/Line Driver with 25ヘ Series Resistors in the Outputs Octal Buffer/Line Driver with 25Ω Series Resistors in the Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
LTC1518IS LTC15181 LTC1519IS LTC1519CSTR |
High Speed, Precision Delay RS485 Quad Line Receivers; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C QUAD LINE RECEIVER, PDSO16 52Mbps Precision Delay RS485 Quad Line Receivers
|
Linear Technology, Corp.
|
LT1128AMJ8 LT1028MJ8 LT1128MJ8 LT1028CJ8 LT1028ACJ |
Octal Buffers/Line Drivers with 3-State Outputs 20-SSOP 0 to 70 Ultra Low Noise Precision High Speed Op Amps OP-AMP, 180 uV OFFSET-MAX, 75 MHz BAND WIDTH, CDIP8 Ultra Low Noise Precision High Speed Op Amps OP-AMP, 180 uV OFFSET-MAX, 20 MHz BAND WIDTH, CDIP8 Ultra Low Noise Precision High Speed Op Amps OP-AMP, 125 uV OFFSET-MAX, 75 MHz BAND WIDTH, CDIP8 JT 15C 14#20 1#16 SKT WALL REC OP-AMP, 80 uV OFFSET-MAX, 75 MHz BAND WIDTH, CDIP8
|
Linear Technology Corporation Linear Technology, Corp.
|
IDT74LVC157AQ 74LVC157APG IDT74LVC157A IDT74LVC157 |
Adjustable Precision Shunt Regulator 3-SOT-89 -40 to 85 3.3V CMOS QUAD 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER, 5 VOLT TOLERANT I/O
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
171822-4 3-171822-3 |
13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, RECEPTACLE Crimp Termination ( EI Series Connectors ); 4CIR EIS REC HSG ( AMP )
|
Tyco Electronics
|
2-5176371-4 |
1.27 [.050] Series I, HD, FH and J Connectors; AMP FH CONN REC 100P ASSY H=11 ( AMP )
|
Tyco Electronics
|
BA7180 BA7180AFS BA7180AS A5800905 BA7180AS/AFS BA |
Video LSIs > VCR video signal processor > PRE/REC amplifier From old datasheet system 2-channel PRE / REC amplifier with auto-tracking interface
|
ROHM[Rohm] Rohm CO.,LTD.
|
MC74HC157ADD MC54HC157AJD |
HC/UH SERIES, QUAD 2 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, PDSO16 HC/UH SERIES, QUAD 2 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, CDIP16
|
MOTOROLA INC
|
S807SERIES S80750 S80728 |
(S807 Series) High Precision Voltage Detector From old datasheet system Series High-Precision Voltage Detector
|
Seiko
|